a a a - - - b b b r r r i i i g g g h h h t t t a-bright industrial co., ltd. part no. AB-153S3A-12V0-M00 diff no. ?48.9x47.0mm led bulb type bulb 1 47.01.0 48.90.5 1x3w hi-power ? product photo: ? features: led power : 3 w. dimension : ?48.9 47.0mm. emitted color : warm white. chip material : ingan. high luminance, lower power consumption. base model mr16. optional plastic light cover : water clear dot. long life led span to 50,000 hours.
a a a - - - b b b r r r i i i g g g h h h t t t a-bright industrial co., ltd. part no. AB-153S3A-12V0-M00 diff no. ?48.9x47.0mm led bulb type bulb 2 ? specification: parameter symbol rating unit input voltage v in ac/dc 12 v forward current i f 245 ma emitting degree 2 1/2 30 deg. luminous flax flux 170 lm color temperature cct 3000 k power disspation p d 3 w operating temperature range topr -10 ~ 70 c storagetemperature range tstg -40 ~ 105 c weight --- 29.5 g
|